Part Number Hot Search : 
AP1702DW BC337 183E28 KBP302 74HC08 1N5272 1N400 1A156
Product Description
Full Text Search
 

To Download 829A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 830 SERIES
SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829, ZDC833, ZMV829, ZMDC830, ZV831 Series Device description
A range of silicon varactor diodes for use in frequency control and filtering. Featuring closely controlled CV characteristics and high Q. Low reverse current ensures very low phase noise performance. Available in single or dual common cathode format in a wide rage of miniature surface mount packages.
Features
* Close tolerance C-V characteristics * High tuning ratio * Low IR (typically 200pA) * Excellent phase noise performance * High Q * Range of miniature surface mount packages
SOT23
SOT323
Applications
* VCXO and TCXO * Wireless communications * Pagers * Mobile radio
SOD523
SOD323
*Where steeper CV slopes are required there is the 12V hyperabrupt range. ZC930, ZMV930, ZV930, ZV931 Series
ISSUE 8 - MARCH 2005 1
SEMICONDUCTORS
830 SERIES
TUNING CHARACTERISTICS at Tamb = 25C
PART Capacitance (pF) V R =2V, f=1MHz MIN. 829A 829B 830A 830B 831A 831B 832A 832B 833A 833B 834A 834B 835A 835B 836A 7.38 7.79 9.0 9.5 13.5 14.25 19.8 20.9 29.7 31.35 42.3 44.65 61.2 64.6 90.0 NOM. 8.2 8.2 10.0 10.0 15.0 15.0 22.0 22.0 33.0 33.0 47.0 47.0 68.0 68.0 100.0 MAX. 9.02 8.61 11.0 10.5 16.5 15.75 24.2 23.1 36.3 34.65 51.7 49.35 74.8 71.4 110.0 250 250 300 300 300 300 200 200 200 200 200 200 100 100 100 Min Q V R =3V f=50MHz MIN. 4.3 4.3 4.5 4.5 4.5 4.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 Capacitance Ratio C 2 / C 20 at f=1MHz MAX. 5.8 5.8 6.0 6.0 6.0 6.0 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5 6.5
ABSOLUTE MAXIMUM RATINGS
PARAMETER Forward current Power dissipation at T amb = 25 C SOT23 Power dissipation at T amb = 25 C SOD323 Power dissipation at T amb = 25 C SOD523 Operating and storage temperature range SYMBOL IF P tot P tot P tot MAX 200 330 330 250 -55 to +150 UNIT mA mW mW mW C
ELECTRICAL CHARACTERISTICS at Tamb = 25C
PARAMETER Reverse breakdown voltage Reverse voltage leakage Temperature coefficient of capacitance CONDITIONS I R = 10uA V R = 20V V R = 3V, f = 1MHz MIN. 25 0.2 300 20 400 TYP. MAX. UNIT V nA ppCm/ C
ISSUE 8 - MARCH 2005
SEMICONDUCTORS
2
830 SERIES
TYPICAL CHARACTERISTICS
ISSUE 8 - MARCH 2005 3
SEMICONDUCTORS
ORDER CODES AND PART MARKING
SOD323
SOD523
SOT23
SOT323
830 SERIES
SEMICONDUCTORS
SOT23
ORDER CODE PART MARK ORDER CODE PART MARK ORDER CODE PART MARK ORDER CODE PART MARK AA CA AB CB AC CC ZV831BV2TA 81 AD CD ZV832BV2TA 82 ZDC833ATA C2A AE CE AF CF AG CG ZDC834ATA C5A ZMV829ATA ZMV829BTA ZMV830ATA ZMV830BTA ZMV831ATA ZMV831BTA ZMV832ATA ZMV832BTA ZMV833ATA ZMV833BTA ZMV834ATA ZMV834BTA ZMV835ATA ZMV835BTA J9A J9B J1A J1B J3A J3B J4A J4B J2A J2B J5A J5B J6A J6B
ORDER CODE
PART MARK
ZC829ATA
ZC829BTA
ZC830ATA
ZC830BTA
ZC831ATA
4
REEL SIZE 7 inch (180mm) 13 inch (330mm) TAPE WIDTH 8mm 8mm
ZC831BTA
ZMDC831BTA
CC
ZC832ATA
ZC832BTA
ZMDC832BTA
CD
ZC833ATA
ZC833BTA
ZC834ATA
ZC834BTA
ZC835ATA
ZC835BTA
TAPE AND REEL INFORMATION
The order codes are shown as TA which is for 7 inch reels. For 13 inch reels substitute TC in place of TA in the order code.
QUANTITY PER REEL 3000 10000
REEL CODE
TA
ISSUE 8 - MARCH 2005
TC
830 SERIES
SOT23 PACKAGE DIMENSIONS
DIM Millimeters Min A B C D F G K L 2.67 1.20 - 0.37 0.085 Max 3.05 1.40 1.10 0.53 0.15 Inches Min 0.105 0.047 - 0.0145 0.0033 Max 0.120 0.055 0.043 0.021 0.0059
NOM 1.9 0.01 2.10 0.10 2.50
NOM 0.075 0.0004 0.0825 0.004 0.0985
SOT323 PACKAGE DIMENSIONS
DIM Millimeters Min A B D E F G 0.91 0.0 0.33 0.127 1.52 1.11 Max 1.16 0.1 0.4 0.2 1.77 1.37 Inches Min 0.036 0.0 0.013 0.005 0.060 0.044 Max 0.046 0.004 0.016 0.008 0.070 0.054
ISSUE 8 - MARCH 2005 5
SEMICONDUCTORS
830 SERIES
SOD523 PACKAGE DIMENSIONS
Millimeters DIM Min A A1 A2 b1 c D E E1 L L1 1 - 0.000 0.600 0.160 0.080 0.700 1.500 1.100 0.200 0.170 4 Max 0.800 0.100 0.800 0.300 0.220 0.900 1.700 1.300 0.400 0.230 10 Min - 0.000 0.0236 0.0062 0.0031 0.0275 0.0590 0.0433 0.0078 0.0066 4 Max 0.0314 0.0039 0.0314 0.0118 0.0086 0.0354 0.0669 0.0511 0.0157 0.0090 10 Inches
SOD323 PACKAGE DIMENSIONS
DIM Millimeters Min A B C D F G 1.8 1.15 0.8 0.2 0.1 1.2 Max 2.2 1.35 1.0 0.4 0.25 1.4 Inches Min 0.071 0.045 0.031 0.008 0.004 0.047 Max 0.087 0.053 0.039 0.016 0.01 0.055
(c) Zetex Semiconductors plc 2004
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park, Chadderton Oldham, OL9 9LL United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 8 - MARCH 2005
SEMICONDUCTORS
6


▲Up To Search▲   

 
Price & Availability of 829A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X